Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download APM9922KC-TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d u a l n - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 9 9 2 2 k f e a t u r e s a p p l i c a t i o n s p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n - c h a n n e l m o s f e t apm9922 handling code temp. range package code package code k : sop-8 operating junction temp. range c : -55 to 150 c handling code tu : tube tr : tape & reel lead free code l : lead free device blank : original device apm9922 k : apm9922 xxxxx xxxxx - date code lead free code 2 0 v / 6 a , r d s ( o n ) = 2 8 m w ( t y p . ) @ v g s = 4 . 5 v r d s ( o n ) = 3 4 m w ( t y p . ) @ v g s = 2 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d l e a d f r e e a v a i l a b l e ( r o h s c o m p l i a n t ) p o w e r m a n a g e m e n t i n n o t e b o o k c o m p u t e r , p o r t a b l e e q u i p m e n t a n d b a t t e r y p o w e r e d s y s t e m s t o p v i e w o f s o p - 8 d2 (5) g2 s2 d2 (6) (4) (3) g1 s1 d1 d1 (8) (7) (2) (1) n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s a n d c o m p a t i b l e w i t h b o t h s n p b a n d l e a d - f r e e s o l d i e r i n g o p e r a t i o n s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j s t d - 0 2 0 c f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 2 a p m 9 9 2 2 k a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage 20 v gss gate - source voltage 10 v i d * c ontinuous drain current 6 i dm * 300 m s pulsed drain current v gs = 4.5 v 20 a i s * diode continuous forward current 1.7 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r q ja * thermal resistance - junction to ambient 62.5 c / w note : *surface mounted on 1in 2 pad area, t 10sec. apm 9922 k symbol parameter test condition min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds =250 m a 20 v v ds = 16 v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 30 m a v gs(th) gate threshold voltage v ds =v gs , i ds =250 m a 0.5 0.7 1.5 v i gss gate leakage current v gs = 10 v, v ds =0v 100 na v gs = 4.5 v, i ds = 6 a 28 32 r ds(on) a drain - source on - state resistance v gs = 2.5 v, i ds = 5.2 a 34 45 m w v sd a diode forward voltage i sd = 1.7 a, v gs =0v 0.7 1.3 v gat e charge characteristics b q g total gate charge 10 13 q gs gate - source charge 3.6 q gd gate - drain charge v ds = 10 v, v gs = 4.5 v, i d s = 6 a 2 nc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 3 a p m 9 9 2 2 k e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm 9922 k symbol parameter test condition min. typ. max. unit dynamic characteristics b r g gate r esistance v gs = 0 v,v ds =0v ,f=1mhz 9 w c iss input capacitance 520 c oss output capacitance 110 c rss reverse tra nsfer capacitance v gs =0v, v ds =15v, f requency =1.0mhz 70 pf t d(on) turn - on delay time 17 32 t r turn - on rise time 15 28 t d(off) turn - off delay time 45 82 t f turn - off fall time v dd = 10 v, r l = 10 w , i d s = 1 a, v gen = 4.5v , r g = 6 w 25 46 ns notes: a : pulse test ; pulse width 3 00 m s, duty cy cle 2%. b : guaranteed by design, not subject to production testing.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 4 a p m 9 9 2 2 k 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 t y p i c a l c h a r a c t e r i s t i c s i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) i d - drain current (a) 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 7 t a =25 o c,v g =4.5v 0.01 0.1 1 10 100 0.01 0.1 1 10 50 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc normalized transient thermal resistance
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 5 a p m 9 9 2 2 k r ds(on) - on - resistance (m w ) d r a i n - s o u r c e o n r e s i s t a n c e i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e v d s - d r a i n - s o u r c e v o l t a g e ( v ) i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s t r a n s f e r c h a r a c t e r i s t i c s v g s - g a t e - s o u r c e v o l t a g e ( v ) i d - drain current (a) normalized threshold voltage t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) 0 1 2 3 4 5 0 2 4 6 8 10 12 14 16 18 20 v gs = 2, 3, 4, 5, 6, 7, 8, 9, 10v 1v 0.5v 0 4 8 12 16 20 10 15 20 25 30 35 40 45 50 55 60 v gs = 4.5v v gs =10v 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 4 8 12 16 20 t j =125 o c t j =25 o c t j =-55 o c -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds =250 m a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 6 a p m 9 9 2 2 k v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (pf) v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) v gs - gate - source voltage (v) t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 1 10 20 t j =150 o c t j =25 o c 0 4 8 12 16 20 0 100 200 300 400 500 600 700 800 frequency=1mhz crss coss ciss 0 4 8 12 16 20 0 1 2 3 4 5 6 7 8 9 10 v ds = 10v i d = 6a -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r on @t j =25 o c: 28m w v gs = 4.5v i d = 6a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 7 a p m 9 9 2 2 k p a c k a g i n g i n f o r m a t i o n millimeters inches dim min. max. min. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 h 5.80 6.20 0.228 0.244 l 0.40 1.27 0.016 0.050 e1 0.33 0.51 0.013 0.020 e2 1.27bsc 0.50bsc f 1 8 8 h e e1 e2 0.015x45 d a a1 0.004max. 1 l s o p - 8 p i n ( r e f e r e n c e j e d e c r e g i s t r a t i o n m s - 0 1 2 )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 8 a p m 9 9 2 2 k terminal material solder - plated copper (solder material : 90/10 or 63/37 snpb) , 100%sn lead solderability meets eia specification rsi86 - 91, ansi/j - std - 002 category 3. t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p r e f l o w c o n d i t i o n ( i r / c o n v e c t i o n o r v p r r e f l o w ) c l a s s i f i c a t i o n r e f l o w p r o f i l e s p h y s i c a l s p e c i f i c a t i o n s profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat - temperature min (tsmin) - temperature max (tsmax) - time (min to max) (ts) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 180 seconds time maintained above: - temperature (t l ) - time (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak /classificatioon temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10 - 30 seconds 20 - 40 seconds ramp - down rate 6 c/se cond max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. notes: all temperatures refer to topside of the package .measured on the body surface.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 9 a p m 9 9 2 2 k c a r r i e r t a p e & r e e l d i m e n s i o n s t ao e w po p ko bo d1 d f p1 table 1. snpb entectic process ? package peak reflow temperature s package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 240 +0/ - 5 c 225 +0/ - 5 c 3 2.5 mm 225 +0/ - 5 c 225 +0/ - 5 c table 2. pb - free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 3 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. c l a s s i f i c a t i o n r e f l o w p r o f i l e s ( c o n t . ) test item method description solderability mil-std-883d-2003 245c,5 sec holt mil-std 883d-1005.7 1000 hrs bias @ 125c pct jesd-22-b, a102 168 hrs, 100% rh, 121c tst mil-std 883d-1011.9 -65c ~ 150c, 200 cycles r e l i a b i l i t y t e s t p r o g r a m
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 1 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 1 0 a p m 9 9 2 2 k c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . h e a d o f f i c e : 5 f , n o . 2 l i - h s i n r o a d , s b i p , h s i n - c h u , t a i w a n , r . o . c . t e l : 8 8 6 - 3 - 5 6 4 2 0 0 0 f a x : 8 8 6 - 3 - 5 6 4 2 0 5 0 t a i p e i b r a n c h : 7 f , n o . 1 3 7 , l a n e 2 3 5 , p a c c h i a o r d . , h s i n t i e n c i t y , t a i p e i h s i e n , t a i w a n , r . o . c . t e l : 8 8 6 - 2 - 8 9 1 9 1 3 6 8 f a x : 8 8 6 - 2 - 8 9 1 9 1 3 6 9 c o v e r t a p e d i m e n s i o n s application carrier width cover tape width devices per reel sop- 8 12 9.3 2500 c a r r i e r t a p e & r e e l d i m e n s i o n s ( c o n t . ) a j b t2 t1 c application a b c j t1 t2 w p e 330 1 62 1.5 12.75 + 0.1 5 2 + 0.5 12.4 +0.2 2 0.2 12 + 0.3 - 0.1 8 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sop - 8 5.5 0.1 1.55 0.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1 5.2 0.1 2.1 0.1 0.3 0.013 (mm)


▲Up To Search▲   

 
Price & Availability of APM9922KC-TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X